Part Number Hot Search : 
FX20KM IRGBC30 1680759 SGM811 TPC6113 BCM2152 88M000 BST40
Product Description
Full Text Search
 

To Download MTPS8085P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPS8085P
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25 *Z) CONDITIONS ITEM SYMBOL IF=50mA Power Output PO IF=50mA Forward Voltage VF VR=5V Reverse Current IR Ep IF=50mA Peak Wavelength IF=50mA Spectral Line Half Width E IF=50mA Half Intensity Beam Angle AE
FORWARD I-V CHARACTERISTICS 120 100 FORWARD CURRENT(mA) 80 60 40 20 0 200 RELATIVE POWER OUTPUT(%)
Point Source LED
MIN 1.8
TYP 3.2 1.7 855 30 2.5
MAX 2.2 10
UNIT mW V EA nm nm deg.
RELATIVE POWER vs FORWARD CURRENT
150
100
High-output Power Parallel Rays (Super Excellent) Narrow Beam (Super Excellent) Point-source LED Small Temp. Coefficient of PO APPLICATIONS Optical Switches Linear & Rotary Encoder FEATURES 1. ABSOLUTE MAXIMUM RATINGS (Ta=25*Z) ITEM RATINGS SYMBOL Forward Current (DC) 100 IF Forward Current (Pulse)*1 0.8 IFP Reverse Voltage 5 VR Power Dissipation 190 PD Operating Temp. Topr -30 TO 100 Storage Temp. Tstg -40 TO 125 *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
50
0 0 1 2 FORWARD VOLTAGE(V) 3 0 20 40 60 80 FORWARD CURRENT(mA) 100 120
Dimensions (Unit:mm)
SPECTRAL OUTPUT 120 RELATIVE POWER OUTPUT(%)
RADIATION PATTERN 120 RELATIVE POWER OUTPUT(%) 100 80 60 40 20 0 -90 -60 -30 0 30 60 90 BEAM ANGLE(deg.) FORWARD CURRENT(mA) 120 100 80 60 40 20 0 -30
THERMAL DERATING CURVE
UNIT mA A V mW *Z *Z
100 80 60 40 20 0 755 855 WAVELENGTH(nm) 955
27
0
30
60
90
AMBIENT TEMPERATURE(*Z)
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com


▲Up To Search▲   

 
Price & Availability of MTPS8085P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X